Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce TL431
Description  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button TL431_V01 Datasheet HTML 11Page - STMicroelectronics TL431_V01 Datasheet HTML 12Page - STMicroelectronics TL431_V01 Datasheet HTML 13Page - STMicroelectronics TL431_V01 Datasheet HTML 14Page - STMicroelectronics TL431_V01 Datasheet HTML 15Page - STMicroelectronics TL431_V01 Datasheet HTML 16Page - STMicroelectronics TL431_V01 Datasheet HTML 17Page - STMicroelectronics TL431_V01 Datasheet HTML 18Page - STMicroelectronics TL431_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DocID4467 Rev 17
15/22
TL431, TL432
Package information
22
4.3
TO-92 (bulk) package information
Figure 26. TO-92 bulk package outline
Table 9. TO-92 bulk package mechanical data
Symbol
Dimension (millimeters)
Dimension (Inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
1.35
-
-
0.053
-
B
-
-
4.70
-
-
0.185
C
-
2.54
-
-
0.100
-
D
4.40
-
-
0.173
-
-
E
12.70
-
-
0.500
-
-
F
-
-
3.70
-
-
0.146
a
-
-
0.5
-
-
0.019
0067407_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22