| Moteur de recherche de fiches techniques de composants électroniques |
|
PD4307 Fiches technique(PDF) 1 Page - Powerex Power Semiconductors |
|
|
|||||||||||||||||||||||||||||
PD4307 Fiches technique(HTML) 1 Page - Powerex Power Semiconductors |
|
1 / 5 page ![]() PRELIMINARY Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK TM Dual SCR Isolated Module 700 Amperes / Up to 1800 Volts Description: Powerex Dual SCR Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. Features: T Electrically Isolated Heatsinking T Compression Bonded Elements T Metal Baseplate T Low Thermal Impedance for Improved Current Capability Benefits: T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time Applications: T Bridge Circuits T AC & DC Motor Drives T Motor Soft Starters T Battery Supplies T Power Supplies T Large IGBT Circuit Front Ends 10/04/2002 PD43__07 Ordering Information : Select the complete eight-digit module part number from the table below. Example: PD431807 is a 1800 Volt, 700A Average Dual SCR Isolated POW-R-BLOK TM Module Type Voltage Volts (x100) Current Amperes (x100) PD43 12 14 16 18 07 |
Numéro de pièce similaire - PD4307 |
|
Description similaire - PD4307 |