Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IL715 Fiches technique(PDF) 20 Page - NVE Corporation

No de pièce IL715
Description  High Speed Four-Channel Digital Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NVE [NVE Corporation]
Site Internet  https://www.nve.com/
Logo NVE - NVE Corporation

IL715 Fiches technique(HTML) 20 Page - NVE Corporation

Back Button IL715 Datasheet HTML 13Page - NVE Corporation IL715 Datasheet HTML 14Page - NVE Corporation IL715 Datasheet HTML 15Page - NVE Corporation IL715 Datasheet HTML 16Page - NVE Corporation IL715 Datasheet HTML 17Page - NVE Corporation IL715 Datasheet HTML 18Page - NVE Corporation IL715 Datasheet HTML 19Page - NVE Corporation IL715 Datasheet HTML 20Page - NVE Corporation IL715 Datasheet HTML 21Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
IL715/IL716/IL717
20
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Datasheet Limitations
The information and data provided in datasheets shall define the specification of the product as agreed between NVE and its customer, unless NVE and
customer have explicitly agreed otherwise in writing. All specifications are based on NVE test protocols. In no event however, shall an agreement be
valid in which the NVE product is deemed to offer functions and qualities beyond those described in the datasheet.
Limited Warranty and Liability
Information in this document is believed to be accurate and reliable. However, NVE does not give any representations or warranties, expressed or
implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information.
In no event shall NVE be liable for any indirect, incidental, punitive, special or consequential damages (including, without limitation, lost profits, lost
savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on
tort (including negligence), warranty, breach of contract or any other legal theory.
Right to Make Changes
NVE reserves the right to make changes to information published in this document including, without limitation, specifications and product descriptions
at any time and without notice. This document supersedes and replaces all information supplied prior to its publication.
Use in Life-Critical or Safety-Critical Applications
Unless NVE and a customer explicitly agree otherwise in writing, NVE products are not designed, authorized or warranted to be suitable for use in life
support, life-critical or safety-critical devices or equipment. NVE accepts no liability for inclusion or use of NVE products in such applications and such
inclusion or use is at the customer’s own risk. Should the customer use NVE products for such application whether authorized by NVE or not, the
customer shall indemnify and hold NVE harmless against all claims and damages.
Applications
Applications described in this datasheet are illustrative only. NVE makes no representation or warranty that such applications will be suitable for the
specified use without further testing or modification.
Customers are responsible for the design and operation of their applications and products using NVE products, and NVE accepts no liability for any
assistance with applications or customer product design. It is customer’s sole responsibility to determine whether the NVE product is suitable and fit for
the customer’s applications and products planned, as well as for the planned application and use of customer’s third party customers. Customers should
provide appropriate design and operating safeguards to minimize the risks associated with their applications and products.
NVE does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer’s
applications or products, or the application or use by customer’s third party customers. The customer is responsible for all necessary testing for the
customer’s applications and products using NVE products in order to avoid a default of the applications and the products or of the application or use by
customer’s third party customers. NVE accepts no liability in this respect.
Limiting Values
Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) will cause permanent damage to the
device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the recommended
operating conditions of the datasheet is not warranted. Constant or repeated exposure to limiting values will permanently and irreversibly affect the
quality and reliability of the device.
Terms and Conditions of Sale
In case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. NVE hereby expressly objects to
applying the customer’s general terms and conditions with regard to the purchase of NVE products by customer.
No Offer to Sell or License
Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication
of any license under any copyrights, patents or other industrial or intellectual property rights.
Export Control
This document as well as the items described herein may be subject to export control regulations. Export might require a prior authorization from national
authorities.
Automotive Qualified Products
Unless the datasheet expressly states that a specific NVE product is automotive qualified, the product is not suitable for automotive use. It is neither
qualified nor tested in accordance with automotive testing or application requirements. NVE accepts no liability for inclusion or use of non-automotive
qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall
use the product without NVE’s warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the
product for automotive applications beyond NVE’s specifications such use shall be solely at customer’s own risk, and (c) customer fully indemnifies
NVE for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond NVE’s
standard warranty and NVE’s product specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21