| Moteur de recherche de fiches techniques de composants électroniques |
|
IL3085 Fiches technique(PDF) 17 Page - NVE Corporation |
|
|
|||||||||||||||||||||||||||||
IL3085 Fiches technique(HTML) 17 Page - NVE Corporation |
|
17 / 20 page ![]() IL3085 17 NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617 (952) 829-9217 www.nve.com YouTube.com/NveCorporation iso-apps@nve.com Ordering Information and Valid Part Numbers IL 30 85 T - 3 E TR13 Bulk Packaging Blank = Tube TR7 = 7'' Tape and Reel TR13 = 13'' Tape and Reel Package E = RoHS Compliant Package Type Blank = 0.3'' SOIC -3 = 0.15'' SOIC -1 = 0.15'' QSOP Channel Configuration 85 = RS-485 Base Part Number 30 = Digital-In, 4 Mbps Transceiver Product Family IL = Isolators Valid Part Numbers IL3085E IL3085E TR13 IL3085TE TR13 IL3085TE IL3085-3E IL3085-3E TR7 IL3085-3E TR13 IL3085-1E IL3085-1E TR7 IL3085-1E TR13 Temperature Rating Blank = 85 C T 125 C = RoHS COMPLIANT |