Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25F02A Fiches technique(PDF) 10 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

No de pièce FM25F02A
Description  2M-BIT SERIAL FLASH MEMORY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUDAN [Shanghai Fudan Microelectronics Group Co., Ltd.]
Site Internet  https://www.fmsh.com/
Logo FUDAN - Shanghai Fudan Microelectronics Group Co., Ltd.

FM25F02A Fiches technique(HTML) 10 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

Back Button FM25F02A Datasheet HTML 6Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 7Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 8Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 9Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 10Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 11Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 12Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 13Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 14Page - Shanghai Fudan Microelectronics Group Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10.
Status Register
The Read Status Register instruction can be used to provide status on the availability of the Flash
memory array, if the device is write enabled or disabled, the state of write protection, Security
Sector lock status. The Write Status Register instruction can be used to configure the device write
protection features and Security Sector OTP lock. Write access to the Status Register is
controlled by the state of the non-volatile Status Register Protect bit (SRP), the Write Enable
instruction, and the WP# pin.
Factory default for all Status Register bits are 0.
S6
S5
S7
S3
S2
S4
S1
S0
R
R
SRP/
LB
BP1
BP0
BP2
WEL WIP
STATUS REGISTER PROTECT /
LOCK BIT
RESERVED
BLOCK PROTECT BITS
(non-volatile)
WRITE ENABLE LATCH
ERASE/WRITE IN PROGRESS
Figure 4 Status Register
10.1.
WIP Bit
WIP is a read only bit in the status register (S0) that is set to a 1 state when the device is
executing a Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register.
During this time the device will ignore further instructions except for the Read Status Register
(see tW, tPP, tSE, tBE, and tCE in “
XX
12.6
X
X
AC Electrical Characteristics
X
X
”). When the program, erase or
write status register (or security sector) instruction has completed, the WIP bit will be cleared to a
0 state indicating the device is ready for further instructions.
10.2.
Write Enable Latch bit (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to 1 after
executing a Write Enable Instruction. The WEL status bit is cleared to 0 when the device is write
disabled. A write disable state occurs upon power-up or after any of the following instructions:
Write Disable, Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register.
10.3.
Block Protect Bits (BP2, BP1, BP0)
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4,
S3, and S2) that provide Write Protection control and status. Block Protect bits can be set using
Datasheet
FM25F02A 2M-BIT SERIAL FLASH MEMORY
Ver 1.3
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com