| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2557FD Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2557FD Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 36 page ![]() 2016 Microchip Technology Inc. DS20005533A-page 19 MCP2557FD/8FD FIGURE 2-9: TIMING DIAGRAM FOR LOOP DELAY SYMMETRY 2.4 Thermal Specifications Parameter Sym. Min. Typ. Max. Units Temperature Ranges Specified Temperature Range TA -40 — +150 C Operating Temperature Range TA -40 — +150 C Storage Temperature Range TA -65 — +155 C Package Thermal Resistances Thermal Resistance, 8LD DFN (3x3) JA —56.7 — C/W Thermal Resistance, 8LD SOIC JA —149.5 — C/W Thermal Resistance, 8LD TDFN (2x3) JA —53 — C/W TXD 5*tBIT(TXD) TBIT(TXD) tBIT(RXD) RXD 8 30% 70% 30% 70% 30% VDIFF_BUS tBIT(BUS) 13 500 mV 900 mV tLOOP(R) tLOOP(F) |