| Moteur de recherche de fiches techniques de composants électroniques |
|
KSZ9567R Fiches technique(PDF) 112 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9567R Fiches technique(HTML) 112 Page - Microchip Technology |
|
112 / 233 page ![]() KSZ9567R DS00002329E-page 112 2022 Microchip Technology Inc. and its subsidiaries 5.1.5.10 ALU / Static Address Table Entry 1 Register This register contains the table entry values for read and write operations to the Address Lookup Table and Static Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 1 Register on page 190 • Static Address Table Entry 1 Register on page 192 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 187 and Section 5.3.2, "Static Address Table," on page 191 for additional information. 5.1.5.11 ALU / Static Address / Reserved Multicast Table Entry 2 Register The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 2 Register on page 190 • Static Address Table Entry 2 Register on page 192 • Reserved Multicast Address Table Entry 2 Register on page 194 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 187, Section 5.3.2, "Static Address Table," on page 191, and Section 5.3.3, "Reserved Multicast Address Table," on page 193 for additional information. 5.1.5.12 ALU / Static Address Table Entry 3 Register The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 3 Register on page 191 • Static Address Table Entry 3 Register on page 193 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 187 and Section 5.3.2, "Static Address Table," on page 191 for additional information. 5.1.5.13 ALU / Static Address Table Entry 4 Register This register contains the table entry values for read and write operations to the Address Lookup Table and Static Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 4 Register on page 191 • Static Address Table Entry 4 Register on page 193 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 187 and Section 5.3.2, "Static Address Table," on page 191 for additional information. Address: 0x0420 - 0x0423 Size: 32 bits Address: 0x0424 - 0x0427 Size: 32 bits Address: 0x0428 - 0x042B Size: 32 bits Address: 0x042C - 0x042F Size: 32 bits |