Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSZ9567R Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Fiches technique(HTML) 10 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 6Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 7Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 8Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 9Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 10Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 11Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 12Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 13Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 233 page
background image
KSZ9567R
DS00002329E-page 10
 2022 Microchip Technology Inc. and its subsidiaries
Note 3-1
This pin also provides configuration strap functions during hardware/software resets. Refer to Section
3.2.1, "Configuration Straps" for additional information.
TABLE 3-1:
PIN ASSIGNMENTS
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
1
TXRX1P_A
33
AVDDH
65
RXD6_0 (Note 3-1)
97
SDO
2
TXRX1M_A
34
TXRX4P_A
66
TX_CLK7/REFCLKI7
98
SDI/SDA/MDIO
3
AVDDL
35
TXRX4M_A
67
TX_EN7/TX_CTL7
99
VDDIO
4
TXRX1P_B
36
AVDDL
68
TX_ER7
100
SCS_N
5
TXRX1M_B
37
TXRX4P_B
69
COL7
101
SCL/MDC
6
TXRX1P_C
38
TXRX4M_B
70
TXD7_3
102
LED5_0
7
TXRX1M_C
39
TXRX4P_C
71
TXD7_2
103
LED5_1 (Note 3-1)
8
TXRX1P_D
40
TXRX4M_C
72
TXD7_1
104
DVDDL
9
TXRX1M_D
41
AVDDL
73
TXD7_0
105
LED1_0
10
AVDDH
42
TXRX4P_D
74
DVDDL
106
LED1_1 (Note 3-1)
11
DVDDL
43
TXRX4M_D
75 RX_CLK7/REFCLKO7 107
GND
12
TXRX2P_A
44
AVDDH
76
RX_DV7/CRS_DV7/
RX_CTL7 (Note 3-1)
108
NC
13
TXRX2M_A
45
DVDDL
77
VDDIO
109
GND
14
AVDDL
46
GND
78
RX_ER7
110
DVDDL
15
TXRX2P_B
47
GND
79
CRS7
111
AVDDH
16
TXRX2M_B
48
TX_CLK6/REFCLKI6
80
RXD7_3 (Note 3-1)
112
TXRX5P_A
17
TXRX2P_C
49
TX_EN6/TX_CTL6
81
RXD7_2 (Note 3-1)
113
TXRX5M_A
18
TXRX2M_C
50
TX_ER6
82
RXD7_1 (Note 3-1)
114
AVDDL
19
AVDDL
51
COL6
83
RXD7_0 (Note 3-1)
115
TXRX5P_B
20
TXRX2P_D
52
TXD6_3
84
GND
116
TXRX5M_B
21
TXRX2M_D
53
TXD6_2
85
LED4_0 (Note 3-1)
117
TXRX5P_C
22
AVDDH
54
TXD6_1
86
LED4_1 (Note 3-1)
118
TXRX5M_C
23
DVDDL
55
TXD6_0
87
DVDDL
119
AVDDL
24
TXRX3P_A
56
DVDDL
88
LED3_0
120
TXRX5P_D
25
TXRX3M_A
57 RX_CLK6/REFCLKO6 89
LED3_1 (Note 3-1)
121
TXRX5M_D
26
TXRX3P_B
58
RX_DV6/CRS_DV6/
RX_CTL6
90
GPIO_1
122
AVDDH
27
TXRX3M_B
59
RX_ER6
91
LED2_0 (Note 3-1)
123
GND
28
TXRX3P_C
60
CRS6
92
LED2_1 (Note 3-1)
124
AVDDL
29
TXRX3M_C
61
VDDIO
93
PME_N
125
XO
30
AVDDL
62
RXD6_3 (Note 3-1)
94
INTRP_N
126
XI
31
TXRX3P_D
63
RXD6_2 (Note 3-1)
95
SYNCLKO
127
ISET
32
TXRX3M_D
64
RXD6_1 (Note 3-1)
96
RESET_N
128
AVDDH
Exposed Pad Must be Connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More