Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSHA204A Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Fiches technique(HTML) 68 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 64Page - Microchip Technology ATSHA204A Datasheet HTML 65Page - Microchip Technology ATSHA204A Datasheet HTML 66Page - Microchip Technology ATSHA204A Datasheet HTML 67Page - Microchip Technology ATSHA204A Datasheet HTML 68Page - Microchip Technology ATSHA204A Datasheet HTML 69Page - Microchip Technology ATSHA204A Datasheet HTML 70Page - Microchip Technology ATSHA204A Datasheet HTML 71Page - Microchip Technology ATSHA204A Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
11.
Package Marking Information
As part of Microchip’s overall security features the part mark for all crypto devices is intentionally vague.
The marking on the top of the package does not provide any information as to the actual device type or
the manufacturer of the device. The alphanumeric code on the package provides manufacturing
information and will vary with assembly lot. The packaging mark should not be used as part of any
incoming inspection procedure.
ATSHA204A
Package Marking Information
© 2018 Microchip Technology Inc.
DS40002025A-page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93