| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86FS28DFG Fiches technique(PDF) 145 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28DFG Fiches technique(HTML) 145 Page - Toshiba Semiconductor |
|
145 / 272 page ![]() Page 133 TMP86FS28DFG Note 7: The timer register settings are limited depending on the timer operating mode. For the detailed descriptions, see Table 10- 3. Note 8: The operating clock fc in the SLOW or SLEEP mode can be used only as the high-frequency warm-up mode. |