| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86FS28DFG Fiches technique(PDF) 62 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28DFG Fiches technique(HTML) 62 Page - Toshiba Semiconductor |
|
62 / 272 page ![]() Page 50 4. Special Function Register (SFR) 4.2 DBR TMP86FS28DFG Note 1: Do not access reserved areas by the program. Note 2: − ; Cannot be accessed. Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.). Address Read Write 0FE0H ADCDR2 - 0FE1H ADCDR1 - 0FE2H ADCCR1 0FE3H ADCCR2 0FE4H Reserved 0FE5H UART0SR UART0CR1 0FE6H - UART0CR2 0FE7H RD0BUF TD0BUF 0FE8H UART1SR UART1CR1 0FE9H - UART1CR2 0FEAH RD1BUF TD1BUF 0FEBH Reserved 0FECH Reserved 0FEDH Reserved 0FEEH Reserved 0FEFH Reserved 0FF0H P0PRD - 0FF1H Reserved 0FF2H P2PRD - 0FF3H P3PRD - 0FF4H P4PRD - 0FF5H P5PRD - 0FF6H P6PRD - 0FF7H P7PRD - 0FF8H P8PRD - 0FF9H P1CR1 0FFAH P1CR2 0FFBH P4OUTCR 0FFCH P5OUTCR 0FFDH P6OUTCR 0FFEH P7OUTCR 0FFFH P8OUTCR |