| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86FS28DFG Fiches technique(PDF) 108 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28DFG Fiches technique(HTML) 108 Page - Toshiba Semiconductor |
|
108 / 272 page ![]() Page 96 8. 16-Bit TimerCounter (TC10,TC11) 8.1 16-Bit TimerCounter 10 TMP86FS28DFG Figure 8-8 PPG Mode Timing Chart INTTC10 TC10DRA Internal clock Counter TC10DRB TC10DRA PPG pin output 0 INTTC10 interrupt request interrupt request 12 m 0 1 2 n m 0 1 n 2 n n + 1 n + 1 m (a) Continuous pulse generation (TC10S = 01) TC10DRB Trigger Count start Timer start Counter Internal clock TC10 pin input PPG pin output 01 m n n n + 1 m 0 (b) One-shot pulse generation (TC10S = 10) Match detect Note: m > n Note: m > n [Application] One-shot pulse output |