Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86CS64AFG Fiches technique(PDF) 64 Page - Toshiba Semiconductor

No de pièce TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Fiches technique(HTML) 64 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 60Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 61Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 202 page
background image
Page 54
4. Special Function Register (SFR)
4.2 DBR
TMP86CS64AFG
Note 1: Do not access reserved areas by the program.
Note 2:
− ; Cannot be accessed.
Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such
as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.).
Address
Read
Write
0FA0H
Reserved
0FA1H
Reserved
0FA2H
Reserved
0FA3H
Reserved
0FA4H
Reserved
0FA5H
Reserved
0FA6H
Reserved
0FA7H
Reserved
0FA8H
Reserved
0FA9H
Reserved
0FAAH
Reserved
0FABH
Reserved
0FACH
Reserved
0FADH
Reserved
0FAEH
Reserved
0FAFH
Reserved
0FB0H
P8DR
0FB1H
P9DR
0FB2H
P8CR
0FB3H
P9CR
0FB4H
-
SIO2CR1
0FB5H
SIO2SR
SIO2CR2
0FB6H
PADR
0FB7H
PBDR
0FB8H
PACR
0FB9H
PBCR
0FBAH
PAPU
0FBBH
PBPU
0FBCH
P6PU
0FBDH
P7PU
0FBEH
Reserved
0FBFH
Reserved
Address
Read
Write
0FC0H
Reserved
: :
: :
0FDFH
Reserved
Address
Read
Write
0FE0H
Reserved
: :
: :
0FFFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More