| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86CS49UG Fiches technique(PDF) 60 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS49UG Fiches technique(HTML) 60 Page - Toshiba Semiconductor |
|
60 / 252 page ![]() Page 46 4. Special Function Register (SFR) 4.1 SFR TMP86CS49UG Note 1: Do not access reserved areas by the program. Note 2: − ; Cannot be accessed. Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.). 0026H TC1CR 0027H TC3CR 0028H TC4CR 0029H TC5CR 002AH TC6CR 002BH SIO2RDB SIO2TDB 002CH EIRE 002DH Reserved 002EH ILE 002FH Reserved 0030H Reserved 0031H SIO2CR 0032H SIO2SR - 0033H Reserved 0034H - WDTCR1 0035H - WDTCR2 0036H TBTCR 0037H EINTCR 0038H SYSCR1 0039H SYSCR2 003AH EIRL 003BH EIRH 003CH ILL 003DH ILH 003EH Reserved 003FH PSW Address Read Write |