Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86CS49FG Fiches technique(PDF) 79 Page - Toshiba Semiconductor

No de pièce TMP86CS49FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG Fiches technique(HTML) 79 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 77Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 79Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 80Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 81Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 82Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 252 page
background image
Page 65
TMP86CS49FG
6. Watchdog Timer (WDT)
The watchdog timer is a fail-safe system to detect rapidly the CPU malfunctions such as endless loops due to spu-
rious noises or the deadlock conditions, and return the CPU to a system recovery routine.
The watchdog timer signal for detecting malfunctions can be programmed only once as “reset request” or “inter-
rupt request”. Upon the reset release, this signal is initialized to “reset request”.
When the watchdog timer is not used to detect malfunctions, it can be used as the timer to provide a periodic inter-
rupt.
Note: Care must be taken in system design since the watchdog timer functions are not be operated completely due to
effect of disturbing noise.
6.1 Watchdog Timer Configuration
Figure 6-1 Watchdog Timer Configuration
0034H
Overflow
WDT output
Internal reset
Binary counters
WDTOUT
Writing
clear code
Writing
disable code
WDTEN
WDTT
2
0035H
Watchdog timer control registers
WDTCR1
WDTCR2
INTWDT
interrupt
request
Interrupt request
Reset
request
Reset release
Clock
Clear
1
2
Controller
Q
SR
S
R
Q
fc/223 or fs/215
fc/221 or fs/213
fc/219 or fs/211
fc/217 or fs/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More