| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86CS44UG Fiches technique(PDF) 160 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS44UG Fiches technique(HTML) 160 Page - Toshiba Semiconductor |
|
160 / 172 page ![]() Page 150 16. Input/Output Circuitry 16.2 Input/Output Ports TMP86CS44UG 16.2 Input/Output Ports Port I/O Input/Output Circuitry Remarks P0 I/O Sink open drain ouput High current output Hysteresis input R = 100 Ω (typ.) P1 I/O Tri-state I/O Hysteresis input R = 100 Ω (typ.) P2 I/O Sink open drain output High current output Hysteresis input R = 100 Ω (typ.) P3 I/O Tri-state I/O R = 100 Ω (typ.) P4 I/O Tri-state I/O High current output (Nch) R = 100 Ω (typ.) Initial "High-Z" Input from output latch Data output Pin input VDD R Initial "High-Z" Disable VDD R Data output Pin input Initial "High-Z" Input from ouput latch Data output Pin input VDD R Initial "High-Z" Disable VDD R Data output Pin input Initial "High-Z" Disable VDD R Data output Pin input |