Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86CM29BUG Fiches technique(PDF) 25 Page - Toshiba Semiconductor

No de pièce TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Fiches technique(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 21Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 22Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 23Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 24Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 25Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 26Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 27Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 196 page
background image
Page 11
TMP86CM29BUG
Figure 2-3 Examples of Resonator Connection
Note:The function to monitor the basic clock directly at external is not provided for hardware, however, with dis-
abling all interrupts and watchdog timers, the oscillation frequency can be adjusted by monitoring the pulse
which the fixed frequency is outputted to the port by the program.
The system to require the adjustment of the oscillation frequency should create the program for the adjust-
ment in advance.
XOUT
XIN
(Open)
XOUT
XIN
XTOUT
XTIN
(Open)
XTOUT
XTIN
(a) Crystal/Ceramic
resonator
(b) External oscillator
(c) Crystal
(d) External oscillator
High-frequency clock
Low-frequency clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More