| Moteur de recherche de fiches techniques de composants électroniques |
|
CS2A101KT Fiches technique(PDF) 2 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
CS2A101KT Fiches technique(HTML) 2 Page - DB Lectro Inc |
|
2 / 13 page ![]() CS Series DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT 4 6.3 10 16 25 WV F Case size R.C. Case size R.C. Case size R.C. Case size R.C. Case size R.C. 4.7 4x5.4 19 10 4 x 5.4 25 5 x 5.4 28 15 4 x 5.4 28 5 x 5.4 34 22 4 x 5.4 31 5 x 5.4 35 5 x 5.4 39 6.3 x 5.4 52 33 4 x 5.4 28 5 x 5.4 39 5 x 5.4 43 6.3 x 5.4 57 6.3 x 5.4 63 47 4 x 5.4 33 5 x 5.4 47 5 x 5.4 52 6.3 x 5.4 68 6.3 x 5.4 68 56 4 x 5.4 39 5 x 5.4 54 6.3 x 5.4 68 6.3 x 5.4 74 6.3 x 5.4 82 68 5 x 5.4 45 6.3 x 5.4 62 6.3 x 5.4 72 6.3 x 5.4 80 6.3 x 5.4 94 100 5 x 5.4 56 6.3 x 5.4 71 6.3 x 5.4 76 6.3 x 5.4 86 6.3 x 7.7 145 150 6.3 x 5.4 74 6.3 x 5.4 78 6.3 x 5.4 88 6.3 x 7.7 150 8 x 10.5 190 220 6.3 x 5.4 96 6.3 x 5.4 95 6.3 x 7.7 170 6.3 x 7.7 160 8 x 10.5 230 330 6.3 x 7.7 150 6.3 x 7.7 190 8 x 10.5 250 8 x 10.5 280 10 x 10.5 305 470 6.3 x 7.7 200 8 x 10.5 270 8 x 10.5 300 10 x 10.5 330 680 8 x 10.5 285 8 x 10.5 320 10 x 10.5 380 10 x 10.5 390 1000 8 x 10.5 340 10 x 10.5 400 10 x 10.5 450 1500 10 x 10.5 390 35 50 63 100 WV F Case size R.C. Case size R.C. Case size R.C. Case size R.C. 0.1 4 x 5.4 1.0 4 x 5.4 1.0 0.22 4 x 5.4 2.3 4 x 5.4 2.3 0.33 4 x 5.4 3.5 4 x 5.4 3.5 0.47 4 x 5.4 5.0 4 x 5.4 5.0 1 4 x 5.4 10 4 x 5.4 10 4 x 5.4 10 1.5 4 x 5.4 12 4 x 5.4 12 6.3 x 5.4 15 2.2 4 x 5.4 10 4 x 5.4 15 6.3 x 5.4 20 3.3 4 x 5.4 18 4 x 5.4 18 4 x 5.4 20 6.3 x 5.4 28 4.7 4 x 5.4 20 5 x 5.4 23 5 x 5.4 23 6.3 x 5.4 35 10 5 x 5.4 30 6.3 x 5.4 34 6.3 x 5.4 34 6.3x 7.7 50 22 6.3 x 5.4 54 6.3 x 5.4 45 6.3x 7.7 70 8 x 10.5 120 33 6.3 x 5.4 60 6.3 x 7.7 85 6.3 x 7.7 85 10 x 10.5 190 47 6.3 x 5.4 70 6.3 x 7.7 90 8 x 10.5 170 56 6.3 x 7.7 80 6.3 x 7.7 110 8 x 10.5 200 68 6.3 x 7.7 110 8 x 10.5 115 10 x 10.5 230 100 6.3 x 7.7 130 8 x 10.5 200 10 x 10.5 280 150 8 x 10.5 215 10 x 10.5 240 220 10 x 10.5 270 FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT Frequency 50Hz 120Hz 300Hz 1KHz 10KHz~ Coefficient 0.70 1.00 1.17 1.36 1.50 Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for your application, please contact us immediately for technical assistance before purchase. Case size ∅D×L (mm), ripple current (mA rms) at 85°C 120Hz DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |