Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86FS49BUG Fiches technique(PDF) 89 Page - Toshiba Semiconductor

No de pièce TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Fiches technique(HTML) 89 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 85Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 86Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 87Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 88Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 89Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 90Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 91Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 92Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 93Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 294 page
background image
Page 73
TMP86FS49BUG
7. Time Base Timer (TBT)
The time base timer generates time base for key scanning, dynamic displaying, etc. It also provides a time base
timer interrupt (INTTBT).
7.1 Time Base Timer
7.1.1 Configuration
Figure 7-1 Time Base Timer configuration
7.1.2 Control
Time Base Timer is controlled by Time Base Timer control register (TBTCR).
Note 1: fc; High-frequency clock [Hz], fs; Low-frequency clock [Hz], *; Don't care
Time Base Timer Control Register
7
6
54
32
10
TBTCR
(0036H)
(DVOEN)
(DVOCK)
(DV7CK)
TBTEN
TBTCK
(Initial Value: 0000 0000)
TBTEN
Time Base Timer
enable / disable
0: Disable
1: Enable
TBTCK
Time Base Timer interrupt
Frequency select : [Hz]
NORMAL1/2, IDLE1/2 Mode
SLOW1/2
SLEEP1/2
Mode
R/W
DV7CK = 0
DV7CK = 1
000
fc/223
fs/215
fs/215
001
fc/221
fs/213
fs/213
010
fc/216
fs/28
–
011
fc/214
fs/26
–
100
fc/213
fs/25
–
101
fc/212
fs/24
–
110
fc/211
fs/23
–
111
fc/29
fs/2
–
fc/223 or fs/215
fc/221 or fs/213
fc/216 or fs/28
fc/214 or fs/26
fc/213 or fs/25
fc/212 or fs/24
fc/211 or fs/23
fc/29 or fs/2
TBTCR
TBTEN
TBTCK
3
MPX
Source clock
Falling edge
detector
Time base timer control register
INTTBT
interrupt request
IDLE0, SLEEP0
release request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More