Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL3S1005FUD2/HAP Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Fiches technique(HTML) 5 Page - NXP Semiconductors

  SL3S1005FUD2/HAP Datasheet HTML 1Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 2Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 3Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 4Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 5Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 6Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 7Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
5 Block diagram
The UCODE 9xm IC consists of three major blocks:
• Analog interface
• Digital control
• EEPROM
The analog part provides stable supply voltage and demodulates data received from the reader which is then
processed by the digital part. Further, the modulation transistor of the analog part transmits data back to the
reader.
The digital section includes the state machines, processes the protocol, and handles communication with the
EEPROM, which contains the EPC and the user data.
aaa-027138
ANALOG
RF INTERFACE
VREG
MOD
data
out
data
in
R/W
VDD
DEMOD
RECT
antenna
RF1
RF2
DIGITAL CONTROL
ANTICOLLISION
READWRITE
CONTROL
ACCESS CONTROL
EEPROM INTERFACE
CONTROL
RF INTERFACE
CONTROL
SEQUENCER
CHARGE PUMP
EEPROM
MEMORY
Adjust
Memory Safeguard
CONTROL
Figure 1. Block diagram of UCODE 9xm IC
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
5 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33