| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPL40502AUJZ-3.0-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPL40502AUJZ-3.0-R7 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 17 page ![]() Data Sheet ADPL40502 analog.com Rev. 0 3 of 17 SPECIFICATIONS Table 1. Electrical Characteristics (VIN = (VOUT + 0.4 V) or 2.2 V, whichever is greater, VEN = VIN, IOUT = 10mA, CIN = COUT = 1µF, and TA = -40°C to +125°C (Typ values at 25°C), unless otherwise noted. Note that VIN is the input voltage, VOUT is the output voltage, IOUT is the output current, CIN is the input capacitance, and COUT is the output capacitance.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Input Voltage Range VIN 2.2 5.5 V Operating Supply Current IGND IOUT = 0µA 20 40 µA IOUT = 10mA 75 105 µA IOUT = 200mA 290 390 µA Shutdown Current IGND-SD EN = GND 0.2 1.0 µA Output Voltage Accuracy VOUT IOUT = 10mA −1 +1 % 100µA < IOUT < 200mA, VIN = (VOUT + 0.4V) to 5.5V −3 +2 % Line Regulation ∆VOUT /∆VIN VIN = (VOUT + 0.4V) to 5.5V, TJ = −40°C to +125°C −0.05 +0.05 %/V Load Regulation1 ∆VOUT /∆IOUT IOUT = 100µA to 200mA 0.006 0.012 %/mA Dropout Voltage2 VDROPOUT IOUT = 10mA 10 30 mV IOUT = 200mA 150 230 mV Start-up Time3 tSTART-UP VOUT = 3.3V 180 µs Current-Limit Threshold4 ILIMIT TJ = 0°C to +125°C 220 300 400 mA Undervoltage Lockout Input Voltage Rising UVLORISE 1.96 V Input Voltage Falling UVLOFALL 1.28 V Hysteresis UVLOHYS 120 mV Thermal Shutdown Threshold TSSD TJ rising 150 °C Hysteresis TSSD-HYS 15 °C EN Input Logic High VIH 2.2V ≤ VIN ≤ 5.5V 1.2 V Logic Low VIL 2.2V ≤ VIN ≤ 5.5V 0.4 V Pull-Down Resistance REN VIN = EN voltage (VEN) = 5.5V 2.6 MΩ Output Noise |