| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1C220KC Fiches technique(PDF) 8 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
SC1C220KC Fiches technique(HTML) 8 Page - DB Lectro Inc |
|
8 / 13 page ![]() Do not locate any circuit pattern beneath the capacitor end seal. 11) Do not design a circuit board so that heat generating components are placed near an aluminum electrolytic capacitor or reserve side of PC board (under the capacitor). 12) Please refer to the pad size layout recommendations in our catalogue when designing in surface mount capacitors. 13) Electrical characteristics may vary depending on changes in temperature and frequency. Please consider the variation when you design circuits. 14) When you install more than 2 capacitors in parallel, consider the balance of current following in to the capacitor. 2. Mounting 1) Once a capacitor has been assembled in the set and power applied, do not attempt to re-use the capacitor in other circuits or application. 2) Electric potential between positive and negative terminal may exist as a result of returned electromotive force, so please discharge the capacitor using 1K resistor. 3) Leakage current of the parts that have stored for long period may increase. When leakage current has increased, please perform a voltage treatment using a 1K resistor. 4) Please confirm rating and polarity before installing capacitor on the PC board. 5) Be careful not to deform the capacitor during installation. 6) Please confirm that the lead spacing of the capacitor matches the pad spacing of the PC board prior to installation. 7) Please pay attention to the mechanical shock to the capacitor by suction nozzle of the automatic insertion machine or automatic mounted, or by product checker, or by centering mechanism. 8) Reflow soldering: Please see "Lead Free Reflow Soldering Condition" for chip type aluminum 9) Do not tilt, lay down or twist the capacitor body after the capacitors are soldered to the PC board. 10) Do not carry the PC board by grasping the soldered capacitor. 11) Please do not allow anytime to touch the capacitor after soldering. If PC board are stored in stack, please make sure PC board or the other components do not touch the capacitor. The capacitor shall not be effected by any radiated heat from the soldered PC board or other components after soldering. 12) Cleaning Do not clean capacitors with halogenated cleaning agent. However, if it is necessary to clean with halogenated cleaning agent, please contact our sales office. Recommended cleaning method: Applicable : Any type, any ratings 10) The main chemical solution of the electrolyte and the separator paper in the capacitor are combustible. The electrolyte is conductive. When it comes in contact with the PC board, there is a possibility of pattern or short circuit between the circuit pattern, which could result in smoking or fire. Cleaning agents : Pine Alpha ST-100S, cleaning through 750H/750L/710M, Sanelek B-12, Aqua Cleaner 210SEP, Techno Care FRW14~17, Isopropyl Alcohol. electrolytic capacitors (page 8). 9) When designing a circuit board, please pay attention to the following: Make the pad spacing on the PC board matching with the lead space of the capacitor. There should not be any circuit pattern or circuit wire above the capacitor safety vent. DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |