Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP08CP05MTR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STP08CP05MTR
Description  Low voltage, low current power 8-bit shift register
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CP05MTR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STP08CP05MTR Datasheet HTML 17Page - STMicroelectronics STP08CP05MTR Datasheet HTML 18Page - STMicroelectronics STP08CP05MTR Datasheet HTML 19Page - STMicroelectronics STP08CP05MTR Datasheet HTML 20Page - STMicroelectronics STP08CP05MTR Datasheet HTML 21Page - STMicroelectronics STP08CP05MTR Datasheet HTML 22Page - STMicroelectronics STP08CP05MTR Datasheet HTML 23Page - STMicroelectronics STP08CP05MTR Datasheet HTML 24Page - STMicroelectronics STP08CP05MTR Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
STP08CP05
Package mechanical data
21/25
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel TSSOP16 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25