Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESDA6V1W5 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ESDA6V1W5
Description  TRANSIL??array for data protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1W5 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ESDA6V1W5 Datasheet HTML 2Page - STMicroelectronics ESDA6V1W5 Datasheet HTML 3Page - STMicroelectronics ESDA6V1W5 Datasheet HTML 4Page - STMicroelectronics ESDA6V1W5 Datasheet HTML 5Page - STMicroelectronics ESDA6V1W5 Datasheet HTML 6Page - STMicroelectronics ESDA6V1W5 Datasheet HTML 7Page - STMicroelectronics ESDA6V1W5 Datasheet HTML 8Page - STMicroelectronics ESDA6V1W5 Datasheet HTML 9Page - STMicroelectronics ESDA6V1W5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2 Ordering information scheme
ESDAxxxWx
6/11
2
Ordering information scheme
ESDA
25
-5
Wx
ESD Array
Breakdown Voltage
Packages
25 = 25 Volts min.
6V1 = 6.1 Volts min
W = SOT323-3L
W5 = SOT323-5L
W6 = SOT323-6L
Number of lines protected (optional)
-5 = 5 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11