| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT08DBR Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74ACT08DBR Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance. PACKAGE OUTLINE 4224636/A 11/2018 www.ti.com WQFN - 0.8 mm max height PLASTIC QUAD FLAT PACK-NO LEAD BQA0014A A 0.08 C 0.1 C A B 0.05 C B SYMM SYMM 2.6 2.4 3.1 2.9 PIN 1 INDEX AREA 0.8 0.7 0.05 0.00 SEATING PLANE C 1.1 0.9 1.6 1.4 2X 0.5 2X 2 8X 0.5 14X 0.3 0.2 14X 0.5 0.3 (0.2) TYP 2 6 7 8 9 13 14 1 15 PIN 1 ID (OPTIONAL) |