Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74ACT05PWR Fiches technique(PDF) 14 Page - Texas Instruments

No de pièce CD74ACT05PWR
Description  CDx4ACT05 Hex Inverters With Open-Drain Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD74ACT05PWR Fiches technique(HTML) 14 Page - Texas Instruments

Back Button CD74ACT05PWR Datasheet HTML 10Page - Texas Instruments CD74ACT05PWR Datasheet HTML 11Page - Texas Instruments CD74ACT05PWR Datasheet HTML 12Page - Texas Instruments CD74ACT05PWR Datasheet HTML 13Page - Texas Instruments CD74ACT05PWR Datasheet HTML 14Page - Texas Instruments CD74ACT05PWR Datasheet HTML 15Page - Texas Instruments CD74ACT05PWR Datasheet HTML 16Page - Texas Instruments CD74ACT05PWR Datasheet HTML 17Page - Texas Instruments CD74ACT05PWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Feb-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD74ACT05BQAR
WQFN
BQA
14
3000
210.0
185.0
35.0
CD74ACT05M96
SOIC
D
14
2500
353.0
353.0
32.0
CD74ACT05M96
SOIC
D
14
2500
356.0
356.0
35.0
CD74ACT05M96
SOIC
D
14
2500
340.5
336.1
32.0
CD74ACT05PWR
TSSOP
PW
14
3000
366.0
364.0
50.0
CD74ACT05PWR
TSSOP
PW
14
3000
353.0
353.0
32.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30