| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9913/PCBZ1 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9913/PCBZ1 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 32 page ![]() AD9913 Rev. 0 | Page 16 of 32 RAMP-UP MODE (EDGE TRIGGERED) RAMP-UP MODE (LEVEL TRIGGERED) E0 S0 PS[0] PS[1] E0 S0 PS[0] PS[1] NO-DWELL BIT = 0 NO-DWELL BIT = 1 E0 S0 PS[0] PS[1] E0 S0 PS[0] PS[1] NO-DWELL BIT = 0 NO-DWELL BIT = 1 RAMP-DOWN MODE (EDGE TRIGGERED) RAMP-DOWN MODE (LEVEL TRIGGERED) E0 S0 PS[0] PS[1] E0 S0 PS[0] PS[1] E0 S0 PS[0] PS[1] E0 S0 PS[0] PS[1] NO-DWELL BIT = 0 NO-DWELL BIT = 1 NO-DWELL BIT = 0 NO-DWELL BIT = 1 Figure 23. Display of Ramp-Up and Ramp-Down Capability Using the External Profile Pins |