Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED1113FA Fiches technique(PDF) 5 Page - AXElite technology co. ltd

No de pièce LED1113FA
Description  High Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXELITE [AXElite technology co. ltd]
Site Internet  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

LED1113FA Fiches technique(HTML) 5 Page - AXElite technology co. ltd

  LED1113FA Datasheet HTML 1Page - AXElite technology co. ltd LED1113FA Datasheet HTML 2Page - AXElite technology co. ltd LED1113FA Datasheet HTML 3Page - AXElite technology co. ltd LED1113FA Datasheet HTML 4Page - AXElite technology co. ltd LED1113FA Datasheet HTML 5Page - AXElite technology co. ltd LED1113FA Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.21, 2019
LED1113
PACKAGE OUTLINES
D1
e1
e
D
b1
b
b
80(2x)
1.7
C
0.4
0.9
50(2x)
Land Pattern Recommendation (Unit: mm)
1.5
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.50
1.60
0.055
0.059
0.063
b
0.36
0.42
0.48
0.014
0.017
0.019
b1
0.44
0.50
0.56
0.017
0.02
0.022
C
0.35
0.40
0.44
0.014
0.016
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.35
1.59
1.83
0.053
0.063
0.072
e
3.0 BSC
0.118 BSC
e1
1.5 BSC
0.059 BSC
E
2.29
2.45
2.60
0.09
0.097
0.102
HE
3.94
4.10
4.25
0.155
0.161
0.167
L
0.80
1.00
1.20
0.031
0.04
0.047
JEDEC outline: TO-243 AB



Html Pages

1 2 3 4 5 6