Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPX4100ASX Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MPX4100ASX
Description  INTEGRATED PRESSURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4100ASX Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPX4100ASX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4100ASX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4100ASX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4100ASX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4100ASX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4100ASX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4100ASX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4100ASX Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX4100ASX Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PACKAGE DIMENSIONS
CASE 867-08
ISSUE N
BASIC ELEMENT (A, D)
CASE 867-O8
ISSUE N
BASIC ELEMENT
PIN 1
F
G
N
L
R
12
34
5
6
6 PL
D
SEATING
PLANE
-T-
M
A
M
0.136 (0.005)
T
POSITIVE PRESSURE
(P1)
C
B
M
J
S
-A-
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
STYLE 3:
PIN 1. OPEN
2. GROUND
3. +VOUT
4. +VSUPPLY
5. -VOUT
6. OPEN
STYLE 2:
PIN 1. OPEN
2. GROUND
3. -VOUT
4. VSUPPLY
5. +VOUT
6. OPEN
MAX
MILLIMETERS
INCHES
16.00
13.56
5.59
0.84
1.63
0.100 BSC
2.54 BSC
0.40
18.42
30˚ NOM
30˚ NOM
12.57
11.43
DIM
A
B
C
D
F
G
J
L
M
N
R
S
MIN
0.595
0.514
0.200
0.027
0.048
0.014
0.695
0.475
0.430
0.090
MAX
0.630
0.534
0.220
0.033
0.064
0.016
0.725
0.495
0.450
0.105
MIN
15.11
13.06
5.08
0.68
1.22
0.36
17.65
12.07
10.92
2.29
2.66
NOTES:
1.
2.
3.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
DIMENSION -A- IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
MPX4100
Sensors
6
Freescale Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10