| Moteur de recherche de fiches techniques de composants électroniques |
|
DFPSQRT Fiches technique(PDF) 1 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DFPSQRT Fiches technique(HTML) 1 Page - Digital Core Design |
|
1 / 3 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com VHDL & VERILOG test bench environ- ment D DF FP PS SQ QR RT T ● ● ● ● ● ● ● ● ● ● ● ● ♦ ♦ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ♦ ♦ ♦ ◊ ◊ Floating Point Pipelined Square Root Unit ver 2.90 OVERVIEW The DFPSQRT uses the pipelined mathe- matics algorithm to compute square root function. The input number format is accord- ing to IEEE-754 standard. DFPSQRT sup- ports single precision real numbers. SQRT operation can be pipelined up to 9 levels. Input data are fed every clock cycle. The first result appears after 9 clock periods latency and next results are available each clock cycle. Precision and accuracy are parameter- ized. APPLI C ATION Math coprocessors DSP algorithms Embedded arithmetic coprocessor Data processing & control KEY FEATURES Full IEEE-754 compliance Single precision real format support Simple interface No programming required 9 levels pipelining 24-bit accuracy, 6 fractional decimal digits Results available at every clock Fully configurable Fully synthesizable, static synchronous design with no internal tri-states DELIVERABLES Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted, or plain text EDIF netlist Active-HDL automatic simulation mac- ros ModelSim automatic simulation macros NCSim automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support IP Core implementation support 3 months maintenance ● Delivery the IP Core updates, minor and major versions changes ● Delivery the documentation updates ● Phone & email support LICENSING Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows using IP Core in single FPGA bitstream and ASIC implemen- |
Numéro de pièce similaire - DFPSQRT |
|
Description similaire - DFPSQRT |