| Moteur de recherche de fiches techniques de composants électroniques |
|
DFPCOMP Fiches technique(PDF) 1 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DFPCOMP Fiches technique(HTML) 1 Page - Digital Core Design |
|
1 / 3 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com Active-HDL automatic simulation mac- ros D DF FP PC CO OM MP P ● ● ● ● ● ● ● ● ● ● ● ● ♦ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ◊ ● ◊ ◊ ◊ ♦ ♦ ♦ ◊ ◊ Floating Point Comparator Unit ver 2.10 OVERVIEW The DFPCOMP compares two arguments. The input numbers format is according to IEEE-754 standard. DFPCOMP supports single precision real numbers. Compare op- eration was pipelined up to 1 level. Input data are fed every clock cycle. The first result ap- pears after 1 clock period latency and next results are available each clock cycle. Full IEEE-754 unordered compare function is in- cluded. APPLI C ATION Math coprocessors DSP algorithms Embedded arithmetic coprocessor Data processing & control KEY FEATURES Full IEEE-754 compliance Single precision real format support Simple interface No programming required 1 level pipeline Results available at every clock Fully configurable Fully synthesizable, static synchronous design with no internal tri-states DELIVERABLES Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted, or plain text EDIF netlist VHDL & VERILOG test bench environ- ment NCSim automatic simulation macros ModelSim automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support IP Core implementation support 3 months maintenance ● Delivery the IP Core updates, minor and major versions changes ● Delivery the documentation updates ● Phone & email support LICENSING Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows using IP Core in single FPGA bitstream and ASIC implemen- tation. It also permits FPGA prototyping be- fore ASIC production. |
Numéro de pièce similaire - DFPCOMP |
|
Description similaire - DFPCOMP |