| Moteur de recherche de fiches techniques de composants électroniques |
|
DF6808 Fiches technique(PDF) 8 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DF6808 Fiches technique(HTML) 8 Page - Digital Core Design |
|
8 / 9 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com http://www.dcd.pl IMPROVEMENT For user the most important is application speed improvement. The most commonly used arithmetic functions and theirs improve- ment are shown in table below. Improvement was computed as {M68HC08 clock periods} divided by {DF6808 clock periods} required to execute an identical function. More details are available in core documentation Function Improve- ment 8-bit addition (immediate data) 4 8-bit addition (direct addressing) 4 8-bit addition (indirect addressing) 3,6 8-bit subtraction (immediate data) 4 8-bit subtraction (direct addressing) 4 8-bit subtraction (indirect addressing) 3,6 16-bit addition (immediate data) 4 16-bit addition (direct addressing) 4 16-bit addition (indirect addressing 3,6 16-bit subtraction (immediate data) 4 16-bit subtraction (direct addressing) 4 16-bit subtraction (indirect addressing 3,6 Multiplication 5 Division 5 DF68XX FAM I LY O V ERVI EW The main features of each DF68XX family member have been summarized in table below. It gives a briefly member characterization helping user to select the most suitable IP Core for its application. User can specify its own peripheral set (including listed below and the others) and requests the core modifications. Design DF6805 64k 64k - 7 7 - - * 2/2* 1* * 4 + * - 6 700 DF6808 64k 64k - 7 7 - - * 22* 1* * 4 * - 8 900 DF6811 64k 16M - 20 17 1* * 5/3* 1* * 4 * * * 12 000 DF6811CPU 64k 16M - 3 3 + 1* * + + + + + + + 6 500 DF68XX family of High Performance Microcontroller Cores + optional * configurable |