Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NT90TP Fiches technique(PDF) 4 Page - DB Lectro Inc

No de pièce NT90TP
Description  Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DBLECTRO [DB Lectro Inc]
Site Internet  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90TP Fiches technique(HTML) 4 Page - DB Lectro Inc

  NT90TP Datasheet HTML 1Page - DB Lectro Inc NT90TP Datasheet HTML 2Page - DB Lectro Inc NT90TP Datasheet HTML 3Page - DB Lectro Inc NT90TP Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
Dimensions
Wiring diagram
NOTES 1). Dimensions are in millimeters.
2). Inch equivalents are given for general information only.
Reference Data
NT90TP (T92)
NC
N0
COM
4
6
8
10
12
mm /inch
1.976max.
27.5
50.2
32.5
2.8
15.4 0.2
7.7 0.2
2-R1.8
12.3 0.2
43.5
2-0.5X4.8
1.280max.
1.083max.
1.713
0.484
0.007
0.020
0.315
0.303
0.007
R0.071
0.606
0.007
0.110
43.5
2-0.5x2.8
15.4
NC
NO
2-R1.8
17.9
COM
7.7
2.8
32.5
50.2
2.8
7.7
COM
17.9
2-0.5x2.8
2-R1.8
43.5
15.4
NO
NC
32.5
50.2
27.5
27.5
NT90TP
2
1.976max.
1.280max.
0.704
0.110
1.063max.
0.303
0.606
0.020
0.110
1.713
R0.071
1.280max.
1.976max.
1.063max.
1.713
0.020
0.110
R0.071
0.704
0.110
0.606
NT90TP
NT90TP
NC
COM
NC
N0
COM
N0
COM
NT90TP
2
0.303
Max.
Max.
Max.
Max.
Max.
Max.
Max.
Max.
Ningbo Huaguan Relay Corporation LTD.



Html Pages

1 2 3 4