Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PWS100 Fiches technique(PDF) 2 Page - Campbell Scientific United Kingdom

No de pièce PWS100
Description  Present Weather Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CAMPBELL [Campbell Scientific United Kingdom]
Site Internet  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

PWS100 Fiches technique(HTML) 2 Page - Campbell Scientific United Kingdom

  PWS100 Datasheet HTML 1Page - Campbell Scientific United Kingdom PWS100 Datasheet HTML 2Page - Campbell Scientific United Kingdom PWS100 Datasheet HTML 3Page - Campbell Scientific United Kingdom PWS100 Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
June 19, 2018
Benefits and Features
Patented four beam, two receiver system directly measures
hydrometeor size and velocity
Identifies 9 basic precipitation types including: drizzle, hail,
snow and snow grains
Reports MOR visibility in range 0-20,000 m with
programmable alarm
Supports 58 WMO present weather codes, 10 NWS codes and
associated METAR codes
Detects hydrometeors between 0.1 and 30 mm diameter
Reports particle size distribution to below 0.5 mm
Open data access - raw data set available as well as processed
output
Integrated dew heaters, hood heaters and built-in dirty
window detector
Input for optional temperature and RH sensor or
temperature and RH data from an external system for
enhanced precipitation classification
Unique calibration kit available to calibrate particle size
and speed measurement to give confidence in reliable
measurement of present weather parameters.
Typical Applications
National weather networks
Environmental monitoring
Automatic weather stations
Road weather monitoring
Airport weather monitoring
Soil erosion studies
Weather radar calibration
Fig b - The scatter signal detected from a raindrop
falling through the sample area
Fig c - The scatter signal detected from a snowflake
falling through the sample area
Visibility
The PWS100 determines visibility by monitoring the
background signal coming from the measured volume.
Once again having four light sheets reaps rewards because
it means the background signal is stronger and more even
than would be the case using a single beam, this improves
the consistency of visibility measurement. The software
is set to report meteorological optical range (MOR) in the
range 0 to 20 km.
PWS100 Viewer - Visibility



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com