Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX1007E15 Fiches technique(PDF) 8 Page - AXElite technology co. ltd

No de pièce AX1007E15
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXELITE [AXElite technology co. ltd]
Site Internet  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007E15 Fiches technique(HTML) 8 Page - AXElite technology co. ltd

Back Button AX1007E15 Datasheet HTML 4Page - AXElite technology co. ltd AX1007E15 Datasheet HTML 5Page - AXElite technology co. ltd AX1007E15 Datasheet HTML 6Page - AXElite technology co. ltd AX1007E15 Datasheet HTML 7Page - AXElite technology co. ltd AX1007E15 Datasheet HTML 8Page - AXElite technology co. ltd AX1007E15 Datasheet HTML 9Page - AXElite technology co. ltd AX1007E15 Datasheet HTML 10Page - AXElite technology co. ltd AX1007E15 Datasheet HTML 11Page - AXElite technology co. ltd AX1007E15 Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
Layout Guide
GND
VIN
VOUT
ADJ
VIN
VOUT
GND
VOUT
VIN
C2
C1
C2
C1
R1
R2
VIN
VOUT
GND
Best performance is achieved by placing C1 and C2 on the same side of the PCB as the
AX1007, and as close as is practical to the package. The ground connections for C1 and C2
should be back to the AX1007 ground plane using as wide, and as short, of a copper trace as is
practical. To ensure the device does not overheat, connect the pad to VOUT plane with an
appropriate amount of copper PCB area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17