| Moteur de recherche de fiches techniques de composants électroniques |
|
AQ201 Fiches technique(PDF) 2 Page - Acutechnology Semiconductor |
|
|
|||||||||||||||||||||||||||||
AQ201 Fiches technique(HTML) 2 Page - Acutechnology Semiconductor |
|
2 / 6 page ![]() Acutechnology Semiconductor Inc. AQ201 www.acutechnology.com 2 Rev. 1.3 November 08, 2006 Pin Configuration Pin Descriptions Pin Name Function VCC V supply. Must be greater than 2V for normal operation. OT Normally Open Drain, Vsat when thermal threshold is reached. GND Ground and Substrate, connected to the backside of the die through lead frame. Ordering Information Device Operating Tj TTHRESH Tolerance PKG Type Wrap Ordering Number AQ201 -55º C ≤ 150º C 115º C ± 3º C TO-92-3 Bulk AQ201GY-N3-12-BUL AQ201 -55º C ≤ 150º C 115º C ± 3º C TO-92-3 T&R AQ201GY-N3-12-TRL AQ201 -55º C ≤ 150º C 115º C ± 3º C SOT-23-3 T&R AQ201GY-M3-12-TRL AQ201 -55º C ≤ 150º C 115º C ± 3º C PSOT-23-6 T&R AQ201GY-M7-12-TRL AQ201 -55º C ≤ 150º C 115º C ± 3º C SC70-5 T&R AQ201GY-C5-12-TRL Note: The TRL parts are Lead Free and RoHS compliant. |