Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX3513 Fiches technique(PDF) 6 Page - AXElite technology co. ltd

No de pièce AX3513
Description  1.4MHz, 1A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXELITE [AXElite technology co. ltd]
Site Internet  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3513 Fiches technique(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3513 Datasheet HTML 2Page - AXElite technology co. ltd AX3513 Datasheet HTML 3Page - AXElite technology co. ltd AX3513 Datasheet HTML 4Page - AXElite technology co. ltd AX3513 Datasheet HTML 5Page - AXElite technology co. ltd AX3513 Datasheet HTML 6Page - AXElite technology co. ltd AX3513 Datasheet HTML 7Page - AXElite technology co. ltd AX3513 Datasheet HTML 8Page - AXElite technology co. ltd AX3513 Datasheet HTML 9Page - AXElite technology co. ltd AX3513 Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.30, 2019
AX3513
APPLICATION INFORMATION
Setting the Output Voltage
Application circuit item shows the basic application circuit with AX3513 adjustable
output version. The external resistor sets the output voltage according to the following
equation:
 
2
1
1
6
.
0
R
R
V
V
OUT
Table 1 Resistor select for output voltage setting
VOUT
R2
R1
1.2V
300K
300K
1.5V
300K
450K
1.8V
300K
600K
2.5V
150K
470K
3.3V
120K
540K
Inductor Selection
For most designs, the AX3513 operates with inductors of 2.2µH to 3.3µH. Low
inductance values are physically smaller but require faster switching, which results in some
efficiency loss. The inductor value can be derived from the following equation:
f
I
V
V
V
V
L
OSC
L
IN
OUT
IN
OUT
Where is inductor Ripple Current. Large value inductors lower ripple current and small
value inductors result in high ripple currents. Choose inductor ripple current approximately
20% of the maximum load current 1000mA, ΔIL=200mA.
Table 2 Inductor select for output voltage setting (VIN =3.6V)
VOUT
1.2V
1.5V
1.8V
2.5V
Inductor
2.2uH
2.2uH
2.2uH
2.2uH
Part Number
WE-TPC
7440430022
7440430022
7440430022
7440430022
Note: Part type MH or M (www.we-online.com)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com