Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS41 Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 2Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-4
2.
Pin Assignment and Functions
The assignment of input/output pins on the TMP93CS40/TMP93CS41, their names and outline
functions are described below.
2.1
Pin Assignment
Figure 2.1.1 shows the pin assignment for the TMP93CS40F/S41F and
TMP93CS40DF/S41DF.
Note: Because the TMP93CS41 does not have an internal ROM, pins P00 to P17 are tied to AD0 to AD15
(when AM8/ AM16
= 0), or to AD0 to AD7 and A8 to A15 (when AM8/ AM16 = 1). P30 is tied to RD ,
P31 to WR .
Figure 2.1.1 Pin Assignment (100-Pin QFP and 100-Pin LQFP)
Top view
QFP100
(LQFP100)
Program-
mable
Pull
up
Pull
down
TMP93CS40
Pin
no.
○
P66/PG12
89
○
P67/PG13
90
VSS
91
P50/AN0
92
P51/AN1
93
P52/AN2
94
P53/AN3
95
P54/AN4
96
P55/AN5
97
P56/AN6
98
P57/AN7
99
VREFH
100
VREFL
1
AVSS
2
AVCC
3
NMI
4
○
P70/TI0
5
○
P71/TO1
6
○
P72/TO2
7
○
P73/TO3
8
○
P80/INT4/TI4
9
○
P81/INT5/TI5
10
○
P82/TO4
11
○
P83/TO5
12
○
P84/INT6/TI6
13
○
P85/INT7/TI7
14
○
P86/TO6
15
○
P87/INT0
16
○
P90/TXD0
17
○
P91/RXD0
18
○
P92/
0
CTS
/SCLK0 19
○
P93/TXD1
20
○
P94/RXD1
21
○
P95/SCLK1
22
AM8/ AM16
23
CLK
24
VCC
25
VSS
26
X1
27
X2
28
EA
29
RESET
30
P96/XT1
31
P97/XT2
32
TEST1
33
TEST2
34
PA0
35
PA1
36
PA2
37
ADC
SIO
Program-
mable
Pin
no.
TMP93CS40
Pull
down
Pull
up
88 P65/PG11
○
87 P64/PG10
○
86 P63/PG03
○
85 P62/PG02
○
84 P61/PG01
○
83 P60/PG00
○
82 P42/
2
CS
/
2
CAS
○
81 P41/
1
CS
/
1
CAS
○
80 P40/
0
CS
/
0
CAS
○
79 P37/ RAS
○
78 P36/
W
/
R
○
77 P35/ BUSAK
○
76 P34/ BUSRQ
○
75 P33/ WAIT
○
74 P32/ HWR
○
73 P31/ WR
72 P30/ RD
71 P27/A7/A23
○
70 P26/A6/A22
○
69 P25/A5/A21
○
68 P24/A4/A20
○
67 P23/A3/A19
○
66 P22/A2/A18
○
65 P21/A1/A17
○
64 P20/A0/A16
○
63 VCC
62 VSS
61 WDTOUT
60 P17/AD15/A15
59 P16/AD14/A14
58 P15/AD13/A13
57 P14/AD12/A12
56 P13/AD11/A11
55 P12/AD10/A10
54 P11/AD9/A9
53 P10/AD8/A8
52 P07/AD7
51 P06/AD6
50 P05/AD5
49 P04/AD4
48 P03/AD3
47 P02/AD2
46 P01/AD1
45 P00/AD0
44 VCC
43 ALE
42 PA7/SCOUT
41 PA6
40 PA5
39 PA4
38 PA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More