Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS40 Fiches technique(PDF) 245 Page - Toshiba Semiconductor

No de pièce TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Fiches technique(HTML) 245 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 240Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 241Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 242Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 243Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 244Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 245Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 246Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 247Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 248Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 245 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-243
15. Releasing the HALT mode by requesting an interruption
Usually, interrupts can release all halts status. However, the interrupts ( NMI ,
INT0) which can release the HALT mode may not be able to do so if they are input
during the period CPU is shifting to the HALT mode (for about 3 clocks of fFPH) with
IDLE1 or STOP mode (IDLE2/RUN are not applicable to this case). (In this case, an
interrupt request is kept on hold internally.)
If another interrupt is generated after it has shifted to HALT mode completely, halt
status can be released without difficulty. The priority of this interrupt is compared
with that of the interrupt kept on hold internally, and the interrupt with higher
priority is handled first followed by the other interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More