| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP93CS40 Fiches technique(PDF) 96 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Fiches technique(HTML) 96 Page - Toshiba Semiconductor |
|
96 / 248 page ![]() TMP93CS40/TMP93CS41 20004-02-10 93CS40-94 (2) Example of usage -2 Figure 3.6.2 is an example in which an external memory is connected to the TMP93CS41. In this example, a ROM, RAM, and I/O are each connected using an 8-bit bus. Figure 3.6.2 Example of External Memory Connection (ROM, RAM and I/O = 8 Bits) Resetting sets pins CS0 to CS2 to input port mode. CS0 and CS1 are set high due to an internal pull-up resistor; CS2 is set low due to an internal pull-down resistor. The program used to set these pins is as follows. P4CR EQU 0EH P4FC EQU 10H B0CS EQU 68H B1CS EQU 69H B2CS EQU 6AH LD (B0CS), 1X010000B ; CS0 = 8 bits, 2 waits, 7F00H to 7FFFH LD (B1CS), 1X011100B ; CS1 = 8 bits, 0 waits, 880H to 7EFFH LD (B2CS), 1X000100B ; CS2 = 8 bits, 1 wait, 8000H to 3FFFFFH LD (P4CR), XXXXX111B LD (P4FC), XXXXX111B X: Don’t care CS0 , CS1 , CS2 output mode setting 8-bit bus I/O 8-bit bus ROM 8-bit bus RAM CS0 CS1 CS2 ALE A8 A15 AD0 AD7 RD WR TMP93CS41 74HC573 D Q LE Address bus EA CS OE WE to to WE CS OE CS OE AM8/ AM16 |