| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP93CS40 Fiches technique(PDF) 223 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Fiches technique(HTML) 223 Page - Toshiba Semiconductor |
|
223 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-221 5. Table of Special Function Registers (SFRs) (SFR: Special function register) The special function registers (SFRs) include the I/O ports and peripheral control registers allocated to the 128 bytes whose addresses run from 000000H to 00007FH. (1) I/O ports (2) I/O port control (3) Timer control (4) Pattern generator control (5) Watchdog timer control (6) Serial channel control (7) AD converter control (8) Interrupt control (9) Chip select/wait control (10) Clock control Configuration of the table Note: “Prohibit RMW” in the table means that you cannot use RMW instructions on these registers. (Example) When setting only bit0 of register P0CR, “SET 0, (0002H)” cannot be used. The LD (Transfer) instruction must be used to write all eight bits. Symbol Bit symbol Name Address 7 6 1 0 Read/Write Initial value after reset Remarks |