| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP93CS40 Fiches technique(PDF) 181 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Fiches technique(HTML) 181 Page - Toshiba Semiconductor |
|
181 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-179 1. Prescaler 9-bit prescaler and prescaler clock selection registers generate input clocks for 8-bit timer 0, 1, 16-bit timer 4, 5, and serial interface 0, 1. Figure 3.11.15 shows the block diagram. Table 3.11.1 shows how the prescaler clock is resolved into the baud rate generator. Figure 3.11.14 Block Diagram of Prescaler Table 3.11.1 Prescaler Clock Resolution for Baud Rate Generator Prescaler Output Clock Resolution Select System Clock <SYSCK> Select Prescaler Clock <PRCK1:0> Gear Value <GEAR2:0> φT0 φT2 φT8 φT32 1 (fs) XXX fs/2 2 fs/2 4 fs/2 6 fs/2 8 000 (fc) fc/2 2 fc/2 4 fc/2 6 fc/2 8 001 (fc/2) fc/2 3 fc/2 5 fc/2 7 fc/2 9 010 (fc/4) fc/2 4 fc/2 6 fc/2 8 fc/2 10 011 (fc/8) fc/2 5 fc/2 7 fc/2 9 fc/2 11 0 (fc) 00 (fFPH) 100 (fc/16) fc/2 6 fc/2 8 fc/2 10 fc/2 12 XXX 01 (Low-frequency clock) XXX − fs/2 4 fs/2 6 fs/2 8 XXX 10 (fc/16 clock) XXX − fc/2 8 fc/2 10 fc/2 12 XXX: Don’t care, −: Invalid Note: The fc/16 clock cannot be used as a prescaler clock when the fs clock is used as a system clock. To 8-bit timer 0, 1 9-bit prescaler XT1 fs φT1 φT4 φT16 φT256 fFPH 2 To CPU ÷4 ÷8 ÷16 X1 ÷2 SYSCR1<GEAR2:0> SYSCR1<SYSCK> fc fc/2 fc/4 fc/8 fc/16 SYSCR0 <PRCK1:0> Run/stop & clear TRUN<PRRUN> 8 32 2 4 16 2 4 128 64 256 512 2 φT1 φT4 φT16 To 16-bit timer 4, 5 φ1 φT0 φT2 φT8 φT32 To serial interface 0, 1 To 5-bit prescaler |