Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS40 Fiches technique(PDF) 139 Page - Toshiba Semiconductor

No de pièce TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Fiches technique(HTML) 139 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 135Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 136Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 143Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-137
7
6
5
4
3
2
1
0
Bit symbol
CAP3IN
CAP34M1
CAP34M0
CLE
T5CLK1
T5CLK0
Read/Write
W
R/W
R/W
R/W
After reset
1
0
0
0
0
0
Function
0: Software
capture
1: Don’t
care
Capture timing
00: Disable
INT6 occurs at rising
edge.
01: TI6 ↑
TI7 ↑
INT6 occurs at rising
edge.
10: TI6 ↑
TI6 ↓
INT6 occurs at falling
edge.
11: TFF1 ↑
TFF1 ↓
INT6 occurs at rising
edge.
1: UC5
clear
enable
Timer 5 source clock
00: TI6
01: φT1
10: φT4
11: φT16
Figure 3.9.7 16-Bit Timer Control Register (T5MOD) (2/2)
Capture control
INT6 Control
00
Capture disable
01
CAP3 at TI6 rise
CAP4 at TI7 rise
Interrupt occurs at the rising
edge of TI6 (INT6) input.
10
CAP3 at TI6 rise
CAP4 at TI6 fall
Interrupt occurs at the falling
edge of TI6 (INT6) input.
11
CAP3 at TFF1 rise
CAP4 at TFF1 fall
Interrupt occurs at the rising
edge of TI6 (INT6) input.
Timer 5 capture timing
0
The up counter 5 value is loaded to CAP3
1
Always read as “1”
Software capture
T5MOD
(0048H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More