| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP92FD54AI Fiches technique(PDF) 80 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP92FD54AI Fiches technique(HTML) 80 Page - Toshiba Semiconductor |
|
80 / 84 page ![]() 2006-01-27 92FD54AI-80 TMP92FD54AI c) SEI Slave (CPHA=0) SS SECLK SECLK MISO MOSI d) SEI Slave (CPHA=1) SS SECLK SECLK MISO MOSI 5.10 Controller Area Network (CAN) Variable 20MHz Symbol Parameter Min Max Min Max Unit tcclk CAN Clock period 2T 100 ns tp Tx edge Rx Input 2tcclk-20 180 ns LSB Input bit 6 to 1 MSB Input LSB Output bit 6 to 1 MSB Output tH tHO tV tHO tSCKL tSCKH tLAG tLEAD LSB Input bit 6 to 1 MSB Input LSB Output bit 6 to 1 MSB Output tH tSU tV tSU tLEAD tLAG tSCKL tSCKH tp Tx tp Rx |