Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMPR4951B Fiches technique(PDF) 74 Page - Toshiba Semiconductor

No de pièce TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Fiches technique(HTML) 74 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 70Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 71Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 72Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 73Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 74Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 75Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 76Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 77Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 256 page
background image
Chapter 3 TX49/L3 Core’s Registers
3-20
Bit
Field
Description
Cold Reset
Read/Write
11:9
IC
Instruction cache size. In the TX4951B, this is set to 16 KB
(010).
010
Read
8:6
DC
Data cache size. In the TX4951B, this is set to 8 KB (001).
001
Read
5
IB
Primary I-Cache line Size
1: 32 bytes (8 words)
1
Read
4
DB
Primary D-cache line Size
1: 32 bytes (8 words)
1
Read
3
0
Reserved
0
Read
2:0
K0
kseg0 coherency algorithm
0: Cacheable, noncoherent, write-through, no-WA
1: Cacheable, noncoherent, write-through, WA
2: Uncached
3: Cacheable, noncoherent, write-back, WA
4-7: Reserved
0x0
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More