Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPM7137-R Fiches technique(PDF) 6 Page - Rohm

No de pièce RPM7137-R
Description  IR Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RPM7137-R Fiches technique(HTML) 6 Page - Rohm

  RPM7137-R Datasheet HTML 1Page - Rohm RPM7137-R Datasheet HTML 2Page - Rohm RPM7137-R Datasheet HTML 3Page - Rohm RPM7137-R Datasheet HTML 4Page - Rohm RPM7137-R Datasheet HTML 5Page - Rohm RPM7137-R Datasheet HTML 6Page - Rohm RPM7137-R Datasheet HTML 7Page - Rohm RPM7137-R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RPM7137-R series
Photo Link Module
Rev.B
6/7
Electrical and optical characteristics curves
Fig.6 BPF characteristic
Frequency : (kHz)
−4
−3
−2
−1fo
+1
+2
+3
+4
−10.00
−8.00
−6.00
−4.00
−2.00
0.00
Wave length :
λ (nm)
Fig.7 Optical bandwidth of the
photo-diode encapsulation
700
750
800
850
900
950
1000 1050 1100 1150 1200
0
20
40
60
80
100
120
Angle : (˚)
Fig.8 Direction characteristic
(Horizontal direction)
−80
−60
−40
−20
0
20
40
60
80
0
20
40
60
80
100
−80
−60
−40
−20
0
20
40
60
80
0
20
40
60
80
100
Angle : (˚)
Fig.9 Direction characteristic
(Vertical direction)



Html Pages

1 2 3 4 5 6 7 8