| Moteur de recherche de fiches techniques de composants électroniques |
|
TMPR3911 Fiches technique(PDF) 49 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3911 Fiches technique(HTML) 49 Page - Toshiba Semiconductor |
|
49 / 462 page ![]() Chapter 1 TMPR3911/12 Overview 1-7 I/O Module • contains support for reading and writing the 7 bi-directional general purpose I/O pins and the 32 bi- directional multi-function I/O pins • each I/O port can generate a separate positive and negative edge interrupt • independently configurable I/O ports allow the TMPR3911/12 to support a flexible and wide range of system applications and configurations IR Module • IR consumer mode • allows control of consumer electronic devices such as stereos, TVs, VCRs, etc. • programmable pulse parameters • external analog LED circuitry • IRDA communication mode • allows communication with other IRDA devices such as FAX machines, copiers, printers, etc. • supported by the UART module within the TMPR3911/12 • external analog receiver preamplifier and LED circuitry • data rate = up to 115 kbps at 1 meter • IR FSK communication mode • supported by the UART module within the TMPR3911/12 • external analog IR chip(s) perform frequency modulation to generate the desired IR communication mode protocol • data rate = up to 36000 bps at 3 meters • carrier detect state machine • periodically enables IR receiver to check if a valid carrier is present |