Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

353C Fiches technique(PDF) 3 Page - Automatic Timing & Controls, Inc.

No de pièce 353C
Description  Shawnee II Digita Programmable Timer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATC [Automatic Timing & Controls, Inc.]
Site Internet  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

353C Fiches technique(HTML) 3 Page - Automatic Timing & Controls, Inc.

  353C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 353C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 353C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
103
Automatic Timing & Controls
800.727.5646
atcdiversified.com
OPERATION
TYPICAL INSTALLATION
DELAYED MODE —
Sustained* start
INTERVAL MODE —
Sustained* or
momentary** start
INTERVAL MODE —
Sustained* start
REPEAT CYCLE PULSE
GENERATOR —
Uninterrupted start
signal
The Shawnee 353 operates on a digital logic circuit with three main elements:
a clock which uses utility line frequency of 50 or 60 Hz as its time base; a
read-only-memory (ROM) whose output is set by the timer’s digital setting
number wheels; and a comparator that continuously examines the outputs of
the clock and ROM.
When power is applied (start signal on), the clock begins to count each
cycle of the utility line frequency. Translating this count into hundredths of a
second, the clock accumulates it and feeds it continuously to the comparator.
When clock output exactly equals the output of the ROM, the 353 times out.
At that instant, the clock turns itself off automatically.
At the same instant, the 353 generates one type of control action or another,
depending on how it is wired.
When the 353 is wired for interval operation, the timer’s output device (either
the standard SPDT relay or the optional SPST switch module) is energized
from the start to the end of the time cycle; so is the -24 VDC output at
terminal 16.
When the 353 is wired for delayed control, the output device is energized at
the end of the cycle and remains on until the timer is reset; so is the -24 VDC
output.
When the 353 is wired as a repeat cycle pulse generator, the output device
and the DC signal are both off until the end of the cycle, at which time they
are both on for about 80 mSEC. The length of the pulse is included in the time
cycle: the cycle runs from the start of one pulse to the start of the next. The
353 automatically starts a new cycle immediately after reset.
The duration of the standard output pulse generated by the 353 is 80
mSEC (±20 mSEC), but it can be easily lengthened or shortened by using a
capacitor or resistor across terminals 4 and 11. To shorten the output pulse,
the size of the resistor (fixed or variable) is calculated as follows:
Where:
t = time in milliseconds (± 25%)
2.2t - 2.64
_________ = R
80-t
R = resistance in megohms
(must be at least 0.2 megohm.)
To lengthen the output pulse, the size of the capacitor is calculated as follows:
Where:
T = time in seconds (± 25%)
T - 0.08
_________ = C
1.6
C = capacitance in microfarads.
NOTE Observe Polarity: (+) Terminal of the capacitor goes to 11, (–)
Terminal to 4. To start from AC voltage, jumper terminals 8-9 and 4-11 and
start with AC power at terminals 1 and 2.
*Start switch must be closed — or DC start signal must be on —
for entire cycle. Timer resets when start switch opens or DC start
signal turns off. To start from DC voltage, apply external ground on
11 and start signal on 9.
**Start switch may be closed — or DC start signal may be on —
for less that the entire cycle. Timer resets at end of cycle.
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com