Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDRIVEG611 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STDRIVEG611
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STDRIVEG611 Datasheet HTML 16Page - STMicroelectronics STDRIVEG611 Datasheet HTML 17Page - STMicroelectronics STDRIVEG611 Datasheet HTML 18Page - STMicroelectronics STDRIVEG611 Datasheet HTML 19Page - STMicroelectronics STDRIVEG611 Datasheet HTML 20Page - STMicroelectronics STDRIVEG611 Datasheet HTML 21Page - STMicroelectronics STDRIVEG611 Datasheet HTML 22Page - STMicroelectronics STDRIVEG611 Datasheet HTML 23Page - STMicroelectronics STDRIVEG611 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Figure 15. Smart Shutdown timing waveforms
tCINfilter
SMART SHUTDOWN CIRCUIT
OUTL or OUTH
OD gate
CIN
the driver outputs are switched off
disable time
SD/OD
2
1
immediately after the comparator triggering
LIN or HIN
automatic off time
FROM/TO
CONTROLLER
=
_
/ /
_
∙
=
_
/ /
_
∙
=
_
_
+
_
∙
=
_
_
+
_
∙
SD
SD
An approximation of the disable time is given by:
Where:
SD
CINth
tCINfilter
tCIN-OUT
(internal)
Voff
VSSD
Vih
t1
t2
FLT
Hi-Z
Hi-Z
VCC
ROD_ext
COD
SD/OD
SMART
SD
LOGIC
Fast shut down
STDRIVEG611
Device description
DS14457 - Rev 2
page 20/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33