| Moteur de recherche de fiches techniques de composants électroniques |
|
STCF03PNR Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF03PNR Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 35 page ![]() Typical performance characteristics STCF03 27/35 10 Typical performance characteristics Figure 14. Efficiency Figure 15. IOTORCH vs T_DIMM Figure 16. IOFLASH vs F_DIMM Figure 17. IOAUX vs AUXI Figure 18. IOFLASH vs Temp. VI = 3.3V Figure 19. VFB2 vs Temp. at IO = 800mA, VI = 3.3V 0 10 20 30 40 50 60 70 80 90 100 2 2.5 3 3.5 4 4.5 5 5.5 6 V I [V] Efficiency of the application at Io=800mA Efficiency of the application at Io=55mA 0 10 20 30 40 50 60 70 80 90 100 2 2.5 3 3.5 4 4.5 5 5.5 6 V I [V] Efficiency of the application at Io=800mA Efficiency of the application at Io=55mA 0 50 100 150 200 250 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 step V I= 2.7V V I= 3.6V V I=5.5V 0 50 100 150 200 250 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 step V I= 2.7V V I= 3.6V V I=5.5V 0 100 200 300 400 500 600 700 800 900 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 step V I 3.3V V I 5.5V 0 100 200 300 400 500 600 700 800 900 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 step V I 3.3V V I 5.5V 0 5 10 15 20 25 12 3 4 5 6 78 9 10 11 12 13 14 15 16 Step 0 5 10 15 20 25 12 3 4 5 6 78 9 10 11 12 13 14 15 16 Step 0 100 200 300 400 500 600 700 800 900 -40°C 25°C 80°C temp. 0 100 200 300 400 500 600 700 800 900 -40°C 25°C 80°C temp. 100 120 140 160 180 200 220 240 260 -40°C 25°C 80°C temp. 100 120 140 160 180 200 220 240 260 -40°C 25°C 80°C temp. |